| Moteur de recherche de fiches techniques de composants électroniques |
|
7220 Fiches technique(PDF) 222 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Fiches technique(HTML) 222 Page - Renesas Technology Corp |
|
222 / 303 page ![]() 7220 Group User’s Manual APPENDIX 6.2 Termination of unused pins 6-3 P00/PWM0–P05/PWM5 P06/INT2/A-D4 P07/INT1 P10/OUT2 P11/SCL1 P12/SCL2 P13/SDA1 P14/SDA2 P15/A-D1/INT3 P16/A-D2 P17/A-D3 P20/SCLK P21/SOUT P22/SIN P23/TIM3 P24/TIM2 P25–P27 P30/A-D5 P31/A-D6 P32 P33/OSC1 P34/OSC2 HSYNC VSYNC P52/R P53/G P54/B P55/OUT1 XOUT D-A 6.2 Termination of unused pins Table 6.2.1 Termination of unused pins Termination V It is the same as M37221Mx-XXXSP/FP. M37221Mx-XXXSP/FP M37220M3-XXXSP/FP Pin V P10 P11 P12 P13 P14 P30/A-D5/DA1 P30/A-D6/DA2 V V P55/OUT V V V Input/ Output Input Output I/O Set the port direction registers for the input mode and pull-down through a resistor. Open Pull-down through a resistor. |