| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7721 Fiches technique(PDF) 158 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Fiches technique(HTML) 158 Page - Renesas Technology Corp |
|
158 / 1524 page ![]() Section 3 DSP Operating Unit Rev. 3.00 Jan. 18, 2008 Page 96 of 1458 REJ09B0033-0300 Table 3.7 DSP Mode Extended System Control Instructions Instruction Operation Number of Execution States STC RS, Rn RS →Rn 1 STC RE, Rn RE →Rn 1 STC.L RS, @-Rn Rn-4 →Rn, RS→(Rn) 1 STC.L RE, @-Rn Rn-4 →Rn, RE→(Rn) 1 LDC.L @Rn+, RS (Rn) →RS, Rn+4→Rn 4 LDC.L @Rn+, RE (Rn) →RE, Rn+4→Rn 4 LDC Rn,RS Rn →RS 4 LDC Rn, RE Rn →RE 4 (3) Restrictions on Repeat Loop Control (a) Repeat control instruction assignment The SETRC instruction must be executed after executing the LDRS and LDRE instructions. In addition, note that at least one instruction is required between the SETRC instruction and a repeat start instruction. (b) Illegal instruction one or more instructions following the repeat detection instruction If one of the following instructions is executed between an instruction following a repeat detection instruction to a repeat end instruction, an illegal instruction exception occurs. • Branch instructions BRA, BSR, BT, BF, BT/S, BF/S, BSRF, RTS, BRAF, RTE, JSR, JMP, TRAPA • Repeat control instructions SETRC, LDRS, LDRE • Load instructions for SR, RS, and RE registers LDC Rn,SR, LDC @Rn+,SR, LDC Rn,RE, LDC @Rn+,RE, LDC Rn,RS, LDC @Rn+,RS Note: This restriction applies to all instructions for a repeat loop consisting of one to three instructions and to three instructions including a repeat end instruction. |