Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7721 Fiches technique(PDF) 57 Page - Renesas Technology Corp

No de pièce SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Fiches technique(HTML) 57 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 53Page - Renesas Technology Corp SH7721 Datasheet HTML 54Page - Renesas Technology Corp SH7721 Datasheet HTML 55Page - Renesas Technology Corp SH7721 Datasheet HTML 56Page - Renesas Technology Corp SH7721 Datasheet HTML 57Page - Renesas Technology Corp SH7721 Datasheet HTML 58Page - Renesas Technology Corp SH7721 Datasheet HTML 59Page - Renesas Technology Corp SH7721 Datasheet HTML 60Page - Renesas Technology Corp SH7721 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 1524 page
background image
Rev. 3.00 Jan. 18, 2008 Page lvii of lxii
Section 14 Timer Unit (TMU)
Table 14.1
TMU Interrupt Sources......................................................................................... 509
Section 15 16-Bit Timer Pulse Unit (TPU)
Table 15.1
TPU Functions ...................................................................................................... 512
Table 15.2
TPU Pin Configurations........................................................................................ 514
Table 15.3
TPU Clock Sources............................................................................................... 518
Table 15.4
TPSC2 to TPSC0 (1)............................................................................................. 518
Table 15.4
TPSC2 to TPSC0 (2)............................................................................................. 518
Table 15.4
TPSC2 to TPSC0 (3)............................................................................................. 519
Table 15.4
TPSC2 to TPSC0 (4)............................................................................................. 519
Table 15.5
IOA2 to IOA0 ....................................................................................................... 522
Table 15.6
Register Combinations in Buffer Operation ......................................................... 534
Table 15.7
Phase Counting Mode Clock Input Pins ............................................................... 539
Table 15.8
Up/Down-Count Conditions in Phase Counting Mode 1...................................... 541
Table 15.9
Up/Down-Count Conditions in Phase Counting Mode 2...................................... 542
Table 15.10
Up/Down-Count Conditions in Phase Counting Mode 3...................................... 543
Table 15.11
Up/Down-Count Conditions in Phase Counting Mode 4...................................... 544
Section 17 Realtime Clock (RTC)
Table 17.1
Pin Configuration.................................................................................................. 561
Table 17.2
Recommended Oscillator Circuit Constants (Recommended Values).................. 584
Section 18 Serial Communication Interface with FIFO (SCIF)
Table 18.1
Pin configuration................................................................................................... 588
Table 18.2
SCSMR Settings and SCIF Transmit/Receive...................................................... 614
Table 18.3
Serial Transmit/Receive Formats.......................................................................... 615
Table 18.4
SCIF Interrupt Sources ......................................................................................... 636
Section 19 Infrared Data Association Module (IrDA)
Table 19.1
Pin Configuration.................................................................................................. 640
Section 20 I
2C Bus Interface (IIC)
Table 20.1
I2C Bus Interface Pins........................................................................................... 648
Table 20.2
Transfer Rate ........................................................................................................ 659
Table 20.3
Interrupt Requests ................................................................................................. 675
Table 20.4
Time for Monitoring SCL..................................................................................... 676
Section 21 Serial I/O with FIFO (SIOF)
Table 21.1
Pin Configuration.................................................................................................. 681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More