| Moteur de recherche de fiches techniques de composants électroniques |
|
7540 Fiches technique(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7540 Fiches technique(HTML) 86 Page - Renesas Technology Corp |
|
86 / 366 page ![]() 2-10 REJ09B0018-0200Z Rev.2.00 Jun 21, 2004 APPLICATION 7540 Group 2.1 I/O port 2.1.5 Handling of unused pins Table 2.1.1 Handling of unused pins Pins/Ports name P0, P1, P2, P3 VREF XIN XOUT Handling •Set to the input mode and connect each to Vcc or Vss through a resistor of 1 k Ω to 10 k Ω. •Set to the output mode and open at “L” or “H” level. •Connect to Vss (GND). •Connect to VSS (GND) when using an on-chip oscillator for main clock. •Open when using an external clock. •Open when using an on-chip oscillator for main clock. |