Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M30624FGLGP Fiches technique(PDF) 77 Page - Renesas Technology Corp

No de pièce M30624FGLGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624FGLGP Fiches technique(HTML) 77 Page - Renesas Technology Corp

Back Button M30624FGLGP Datasheet HTML 73Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 74Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 75Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 76Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 77Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 78Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 79Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 80Page - Renesas Technology Corp M30624FGLGP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Interrupt
62
Saving Registers
In the interrupt sequence, only the contents of the flag register (FLG) and that of the program counter
(PC) are saved in the stack area.
First, the processor saves the four higher-order bits of the program counter, and 4 upper-order bits and 8
lower-order bits of the FLG register, 16 bits in total, in the stack area, then saves 16 lower-order bits of the
program counter. Figure 1.14.6 shows the state of the stack as it was before the acceptance of the
interrupt request, and the state the stack after the acceptance of the interrupt request.
Save other necessary registers at the beginning of the interrupt routine using software. Using the
PUSHM instruction alone can save all the registers except the stack pointer (SP).
Address
Content of previous stack
Stack area
[SP]
Stack pointer
value before
interrupt occurs
m
m – 1
m – 2
m – 3
m – 4
Stack status before interrupt request
is acknowledged
Stack status after interrupt request
is acknowledged
Content of previous stack
m + 1
MSB
LSB
m
m – 1
m – 2
m – 3
m – 4
Address
Flag register (FLGL)
Content of previous stack
Stack area
Flag register
(FLGH)
Program
counter (PCH)
[SP]
New stack
pointer value
Content of previous stack
m + 1
MSB
LSB
Program counter (PCL)
Program counter (PCM)
Figure 1.14.6. State of stack before and after acceptance of interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com