| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7641 Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7641 Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1040 page ![]() Rev. 2.00 Mar. 15, 2007 Page xxxix of l Figure 20.16 EP2 PKTE Operation ............................................................................................ 787 Figure 20.17 Example of USB Function Module External Circuitry (For On-Chip Transceiver) .................................................................................... 789 Figure 20.18 Example of USB Function Module External Circuitry (For External Transceiver) .................................................................................... 790 Figure 20.19 IRQ0 and IRQ1 Interrupt Circuitry .......................................................................792 Figure 20.20 USB Standby Operation Timing ........................................................................... 792 Figure 20.21 Sample Flowchart for Initialization of the USB Bus Power Control Method ....... 793 Figure 20.22 Sample Flowchart for Changing the State from USB Suspend to Standby ........... 794 Figure 20.23 Sample Flowchart for AWAKE ............................................................................ 795 Figure 20.24 Timing for Setting the TR Interrupt Flag .............................................................. 798 Section 21 A/D Converter Figure 21.1 Block Diagram of A/D Converter ........................................................................... 800 Figure 21.2 Example of A/D Converter Operation (Single Mode, Channel 1 Selected) ............ 808 Figure 21.3 Example of A/D Converter Operation (Multi Mode, Channels AN0 to AN2 Selected) ...................................................... 809 Figure 21.4 Example of A/D Converter Operation (Scan Mode, Channels AN0 to AN2 Selected) ......................................................................................................... 811 Figure 21.5 A/D Conversion Timing .......................................................................................... 813 Figure 21.6 Definitions of A/D Conversion Accuracy ............................................................... 816 Figure 21.7 Example of Analog Input Protection Circuit ........................................................... 819 Figure 21.8 Analog Input Pin Equivalent Circuit ....................................................................... 819 Figure 21.9 Example of Analog Input Circuit ............................................................................ 819 Section 22 Pin Function Controller (PFC) Figure 22.1 Internal Block Diagram of I/O Buffer with Weak Keeper ...................................... 843 Figure 22.2 Internal Block Diagram of I/O Buffer with Open Drain ......................................... 844 Section 23 I/O Ports Figure 23.1 Port A ...................................................................................................................... 845 Figure 23.2 Port B ...................................................................................................................... 847 Figure 23.3 Port C ...................................................................................................................... 849 Figure 23.4 Port D ...................................................................................................................... 851 Figure 23.5 Port E....................................................................................................................... 853 Figure 23.6 Port F ....................................................................................................................... 855 Figure 23.7 Port G ...................................................................................................................... 858 Figure 23.8 Internal Block Diagram of PG7DT to PG0DT ........................................................ 861 Figure 23.9 Port H ...................................................................................................................... 862 Figure 23.10 Port J...................................................................................................................... 864 |