| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62M Fiches technique(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M Fiches technique(HTML) 70 Page - Renesas Technology Corp |
|
70 / 615 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Interrupt 1-51 Interrupt Control Descriptions are given here regarding how to enable or disable maskable interrupts and how to set the priority to be accepted. What is described here does not apply to non-maskable interrupts. Enable or disable a maskable interrupt using the interrupt enable flag (I flag), interrupt priority level selec- tion bit, or processor interrupt priority level (IPL). Whether an interrupt request is present or absent is indicated by the interrupt request bit. The interrupt request bit and the interrupt priority level selection bit are located in the interrupt control register of each interrupt. Also, the interrupt enable flag (I flag) and the IPL are located in the flag register (FLG). Figure 1.11.3 shows the memory map of the interrupt control registers. |