| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62M Fiches technique(PDF) 545 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M Fiches technique(HTML) 545 Page - Renesas Technology Corp |
|
545 / 615 page ![]() External Buses Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-228 Microcomputer A1 to A19 D0 to D15 CS0 RD CNVSS BYTE WRL Am29LV008B A18 A0 to DQ0 DQ7 to WE CE OE A19 A1 to D0 D7 to CS0 RD Am29LV008B A18 A0 to DQ0 DQ7 to WE CE OE A19 A1 to D8 D15 to CS0 RD Figure 4.3.3. Example of connecting two Am29LV008B's to a 16-bit data bus ________ ________ Figure 4.3.3 shows how to connect two Am29LV008B (flash memory). In 16-bit bus mode, the BHE/WRH ________ pin functions as BHE. When connecting 8-bit flash memory chips to the 16-bit bus, make sure the ________ ______ microcomputer’s WRL pin is connected to the WR pins on both flash memory chips, and that data is written to the flash memory in units of 16 bits beginning with an even address. |