| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62M Fiches technique(PDF) 489 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62M Fiches technique(HTML) 489 Page - Renesas Technology Corp |
|
489 / 615 page ![]() Multiple Interrupts Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 2-172 Main routine Reset I = 0 IPL = 0 I = 1 Interrupt 1 I = 0 IPL = 3 I = 1 Interrupt 2 I = 0 IPL = 5 REIT I = 1 IPL = 3 Interrupt 3 REIT I = 1 IPL = 0 Interrupt 3 I = 0 IPL = 2 REIT I = 1 IPL = 0 Interrupt 1 Interrupt priority level = 3 Interrupt 2 Interrupt 3 Interrupt priority level = 5 Interrupt priority level = 2 Not acknowledged because of low interrupt priority Interrupt request generated Nesting Time : Automatically executed. : Be sure to set in software. I : Interrupt enable flag IPL : Processor interrupt priority level Main routine instructions are not executed. Multiple interrupts Figure 2.14.6. Example of the multiple interrupts operation |