Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M16C/62M Fiches technique(PDF) 473 Page - Renesas Technology Corp

No de pièce M16C/62M
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62M Fiches technique(HTML) 473 Page - Renesas Technology Corp

Back Button M16C/62M Datasheet HTML 469Page - Renesas Technology Corp M16C/62M Datasheet HTML 470Page - Renesas Technology Corp M16C/62M Datasheet HTML 471Page - Renesas Technology Corp M16C/62M Datasheet HTML 472Page - Renesas Technology Corp M16C/62M Datasheet HTML 473Page - Renesas Technology Corp M16C/62M Datasheet HTML 474Page - Renesas Technology Corp M16C/62M Datasheet HTML 475Page - Renesas Technology Corp M16C/62M Datasheet HTML 476Page - Renesas Technology Corp M16C/62M Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Watchdog Timer
2-156
2.11.2 Operation of Watchdog Timer
The following is an operation of the watchdog timer. Figure 2.11.3 shows the operation timing, and Figure
2.11.4 shows the set-up procedure.
(1) Writing to the watchdog timer start register initializes the watchdog timer to 7FFF16 and
causes it to start a down count.
(2) With a count in progress, writing to the watchdog timer start register again initializes the
watchdog timer to 7FFF16 and causes it to resume counting.
(3) Either executing the WAIT instruction or going to the stopped state causes the watchdog
timer to hold the count in progress and to stop counting. The watchdog timer resumes count-
ing after returning from the execution of the WAIT instruction or from the stopped state.
(4) If the watchdog timer underflows, it is initialized to 7FFF16 and continues counting. At this
time, a watchdog timer interrupt occurs.
Operation
Figure 2.11.3. Operation timing of watchdog timer
(1) Start count
Write signal to the
watchdog timer
start register
7FFF16
000016
“H”
“L”
(4) Generate
watchdog timer
interrupt
(2) Write operation
(3) In stopped state, or WAIT
instruction is executing, etc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More