| Moteur de recherche de fiches techniques de composants électroniques |
|
M16C/62A Fiches technique(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62A Fiches technique(HTML) 17 Page - Renesas Technology Corp |
|
17 / 615 page ![]() Quick Reference to Pages Classified by Address 038016 038116 038216 038316 038416 038516 038616 038716 038816 038916 038A16 038B16 038C16 038D16 038E16 038F16 039016 039116 039216 039316 039416 039516 039616 039716 039816 039916 039A16 039B16 039C16 039D16 039E16 039F16 03A016 03A116 03A216 03A316 03A416 03A516 03A616 03A716 03A816 03A916 03AA16 03AB16 03AC16 03AD16 03AE16 03AF16 03B016 03B116 03B216 03B316 03B416 03B516 03B616 03B716 03B816 03B916 03BA16 03BB16 03BC16 03BD16 03BE16 03BF16 034016 034116 034216 034316 034416 034516 034616 034716 034816 034916 034A16 034B16 034C16 034D16 034E16 034F16 035016 035116 035216 035316 035416 035516 035616 035716 035816 035916 035A16 035B16 035C16 035D16 035E16 035F16 036016 036116 036216 036316 036416 036516 036616 036716 036816 036916 036A16 036B16 036C16 036D16 036E16 036F16 037016 037116 037216 037316 037416 037516 037616 037716 037816 037916 037A16 037B16 037C16 037D16 037E16 037F16 Timer A1-1 register (TA11) Timer A2-1 register (TA21) Dead time timer(DTT) Timer B2 interrupt occurrence frequency set counter(ICTB2) Three-phase PWM control register 0(INVC0) Three-phase PWM control register 1(INVC1) Three-phase output buffer register 0(IDB0) Three-phase output buffer register 1(IDB1) Timer B3 register (TB3) Timer B4 register (TB4) Timer B5 register (TB5) Timer B3, 4, 5 count start flag (TBSR) Timer B3 mode register (TB3MR) Timer B4 mode register (TB4MR) Timer B5 mode register (TB5MR) Interrupt request cause select register (IFSR) Timer A0 register (TA0) Timer A1 register (TA1) Timer A2 register (TA2) Timer B0 register (TB0) Timer B1 register (TB1) Timer B2 register (TB2) Count start flag (TABSR) One-shot start flag (ONSF) Timer A0 mode register (TA0MR) Timer A1 mode register (TA1MR) Timer A2 mode register (TA2MR) Timer B0 mode register (TB0MR) Timer B1 mode register (TB1MR) Timer B2 mode register (TB2MR) Up-down flag (UDF) Timer A3 register (TA3) Timer A4 register (TA4) Timer A3 mode register (TA3MR) Timer A4 mode register (TA4MR) Trigger select register (TRGSR) Clock prescaler reset flag (CPSRF) UART0 transmit/receive mode register (U0MR) UART0 transmit buffer register (U0TB) UART0 receive buffer register (U0RB) UART1 transmit/receive mode register (U1MR) UART1 transmit buffer register (U1TB) UART1 receive buffer register (U1RB) UART0 bit rate generator (U0BRG) UART0 transmit/receive control register 0 (U0C0) UART0 transmit/receive control register 1 (U0C1) UART1 bit rate generator (U1BRG) UART1 transmit/receive control register 0 (U1C0) UART1 transmit/receive control register 1 (U1C1) DMA1 request cause select register (DM1SL) DMA0 request cause select register (DM0SL) CRC data register (CRCD) CRC input register (CRCIN) SI/O3 transmit/receive register (S3TRR) SI/O4 transmit/receive register (S4TRR) SI/O3 control register (S3C) SI/O3 bit rate generator (S3BRG) SI/O4 bit rate generator (S4BRG) SI/O4 control register (S4C) UART2 special mode register (U2SMR) UART2 receive buffer register (U2RB) UART2 transmit buffer register (U2TB) UART2 transmit/receive control register 0 (U2C0) UART2 transmit/receive mode register (U2MR) UART2 transmit/receive control register 1 (U2C1) UART2 bit rate generator (U2BRG) UART transmit/receive control register 2 (UCON) Timer A4-1 register (TA41) UART2 special mode register 2 (U2SMR2) Note 1 : This register is only exist in flash memory version. Note 2 : Locations in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write. Flash memory control register 0 (FMR0) (Note 1) 1-91 1-98 1-96 1-97 1-91 1-90 1-61 1-146 1-141 1-137 1-113 1-112 1-114 1-115 1-112 1-81 1-82 1-81 1-81 1-91 1-80 1-90 1-113 1-112 1-114 1-115 1-112 1-113 1-112 1-114 1-115 1-112 1-116 1-70 1-71 1-161 Address Register Page Address Register Page 1-221 Flash memory control register 1 (FMR1) (Note 1) UART2 special mode register 3 (U2SMR3) 1-137 |