Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3822 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 9Page - Renesas Technology Corp 3822 Datasheet HTML 10Page - Renesas Technology Corp 3822 Datasheet HTML 11Page - Renesas Technology Corp 3822 Datasheet HTML 12Page - Renesas Technology Corp 3822 Datasheet HTML 13Page - Renesas Technology Corp 3822 Datasheet HTML 14Page - Renesas Technology Corp 3822 Datasheet HTML 15Page - Renesas Technology Corp 3822 Datasheet HTML 16Page - Renesas Technology Corp 3822 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 328 page
background image
List of figures
3822 GROUP USER’S MANUAL
v
CHAPTER 3. APPENDIX
Fig. 3.1.1 Pin configuration of EPROM version (top view) ................................................................ 3-4
Fig. 3.1.2 Pin configuration of One Time PROM version (top view) (1) ............................................. 3-5
Fig. 3.1.3 Pin configuration of One Time PROM version (top view) (2) ............................................. 3-6
Fig. 3.1.4 Functional block diagram of built-in PROM version ........................................................... 3-7
Fig. 3.1.5 Programming and testing of One Time PROM version (shipped in blank) ........................ 3-9
Fig. 3.2.1 Wiring for the RESET input pin ........................................................................................ 3-10
Fig. 3.2.2 Wiring for clock I/O pins ................................................................................................... 3-10
Fig. 3.2.3 Wiring for the VPP pin of the One Time PROM and the EPROM version ........................ 3-11
Fig. 3.2.4 Bypass capacitor across the VSS line and the VCC line ................................................... 3-11
Fig. 3.2.5 Analog signal line and a resistor and a capacitor ............................................................ 3-12
Fig. 3.2.6 Wiring for large current signal line ................................................................................... 3-12
Fig. 3.2.7 Wiring to a signal line where potential levels change frequently ..................................... 3-13
Fig. 3.2.8 VSS pattern on the underside of an oscillator .................................................................. 3-13
Fig. 3.2.9 Setup for I/O ports ........................................................................................................... 3-13
Fig. 3.2.10 Watchdog timer by software .......................................................................................... 3-14
Fig. 3.3.1 Structure of port P0 and P1 direction registers ................................................................ 3-15
Fig. 3.3.2 Structure of port Pi (i = 2, 4 to 7) direction registers ........................................................ 3-15
Fig. 3.3.3 Structure of PULL register A ............................................................................................ 3-16
Fig. 3.3.4 Structure of PULL register B ............................................................................................ 3-16
Fig. 3.3.5 Structure of serial I/O status register ............................................................................... 3-17
Fig. 3.3.6 Structure of serial I/O control register .............................................................................. 3-18
Fig. 3.3.7 Structure of UART control register .................................................................................. 3-19
Fig. 3.3.8 Structure of timer X mode register ................................................................................... 3-20
Fig. 3.3.9 Structure of timer Y mode register ................................................................................... 3-21
Fig. 3.3.10 Structure of timer 123 mode register ............................................................................. 3-22
Fig. 3.3.11 Structure of
φ output control register ............................................................................. 3-22
Fig. 3.3.12 Structure of A-D control register .................................................................................... 3-23
Fig. 3.3.13 Structure of segment output register ............................................................................. 3-24
Fig. 3.3.14 Structure of LCD mode register ..................................................................................... 3-25
Fig. 3.3.15 Structure of interrupt edge selection register ................................................................. 3-26
Fig. 3.3.16 Structure of CPU mode register .................................................................................... 3-26
Fig. 3.3.17 Structure of interrupt request register 1 ......................................................................... 3-27
Fig. 3.3.18 Structure of interrupt request register 2 ......................................................................... 3-27
Fig. 3.3.19 Structure of interrupt control register 1 .......................................................................... 3-28
Fig. 3.3.20 Structure of interrupt control register 2 .......................................................................... 3-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More