| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7263 Fiches technique(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7263 Fiches technique(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1862 page ![]() Section 1 Overview Rev. 2.00 Mar. 14, 2008 Page 39 of 1824 REJ09B0290-0200 Function 1 Function 2 Function 3 Pin No. Symbol I/O Symbol I/O Symbol I/O 223 D8 I/O ⎯ ⎯ ⎯ ⎯ 224 Vcc 225 D7 I/O ⎯ ⎯ ⎯ ⎯ 226 Vss 227 PVss 228 D6 I/O ⎯ ⎯ ⎯ ⎯ 229 PVcc 230 D5 I/O ⎯ ⎯ ⎯ ⎯ 231 D4 I/O ⎯ ⎯ ⎯ ⎯ 232 D3 I/O ⎯ ⎯ ⎯ ⎯ 233 D2 I/O ⎯ ⎯ ⎯ ⎯ 234 D1 I/O ⎯ ⎯ ⎯ ⎯ 235 D0 I/O ⎯ ⎯ ⎯ ⎯ 236 PVss Function 4 Function 5 Function 6 Pin No. Symbol I/O Symbol I/O Symbol I/O Weak keeper Pull- up 223 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 224 225 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 226 227 228 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 229 230 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 231 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 232 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 233 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 234 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 235 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ Yes 236 |