| Moteur de recherche de fiches techniques de composants électroniques |
|
SH-2 Fiches technique(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH-2 Fiches technique(HTML) 64 Page - Renesas Technology Corp |
|
64 / 919 page ![]() 38 Table 2.10 Classification of Instructions (cont) Classification Types Operation Code Function No. of Instructions Logic 6 AND Logical AND 14 operations NOT Bit inversion OR Logical OR TAS Memory test and bit set TST Logical AND and T bit set XOR Exclusive OR Shift 10 ROTL One-bit left rotation 14 ROTR One-bit right rotation ROTCL One-bit left rotation with T bit ROTCR One-bit right rotation with T bit SHAL One-bit arithmetic left shift SHAR One-bit arithmetic right shift SHLL One-bit logical left shift SHLLn n-bit logical left shift SHLR One-bit logical right shift SHLRn n-bit logical right shift Branch 9 BF Conditional branch, conditional branch with delay (Branch when T = 0) 11 BT Conditional branch, conditional branch with delay (Branch when T = 1) BRA Unconditional branch BRAF Unconditional branch BSR Branch to subroutine procedure BSRF Branch to subroutine procedure JMP Unconditional branch JSR Branch to subroutine procedure RTS Return from subroutine procedure |