| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 55 Page - Renesas Technology Corp |
|
55 / 919 page ![]() 29 Table 2.5 Immediate Data Accessing Classification SH7052F/SH7053F/SH7054F CPU Example of Conventional CPU 8-bit immediate MOV #H'12,R0 MOV.B #H'12,R0 16-bit immediate MOV.W @(disp,PC),R0 ................. .DATA.W H'1234 MOV.W #H'1234,R0 32-bit immediate MOV.L @(disp,PC),R0 ................. .DATA.L H'12345678 MOV.L #H'12345678,R0 Note: @(disp, PC) accesses the immediate data. Absolute Address: When data is accessed by absolute address, the value already in the absolute address is placed in the memory table. Loading the immediate data when the instruction is executed transfers that value to the register and the data is accessed in the indirect register addressing mode (table 2.6). Table 2.6 Absolute Address Accessing Classification SH7052F/SH7053F/SH7054F CPU Example of Conventional CPU Absolute address MOV.L @(disp,PC),R1 MOV.B @R1,R0 .................. .DATA.L H'12345678 MOV.B @H'12345678,R0 Note: @(disp,PC) accesses the immediate data. 16-Bit/32-Bit Displacement: When data is accessed by 16-bit or 32-bit displacement, the pre- existing displacement value is placed in the memory table. Loading the immediate data when the instruction is executed transfers that value to the register and the data is accessed in the indirect indexed register addressing mode (table 2.7). Table 2.7 Displacement Accessing Classification SH7052F/SH7053F/SH7054F CPU Example of Conventional CPU 16-bit displacement MOV.W @(disp,PC),R0 MOV.W @(R0,R1),R2 .................. .DATA.W H'1234 MOV.W @(H'1234,R1),R2 Note: @(disp,PC) accesses the immediate data. |