| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 509 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 509 Page - Renesas Technology Corp |
|
509 / 919 page ![]() 483 Figures 14.15 and 14.16 show examples of SCI receive operation using a multiprocessor format. RDRF MPIE RDR value ID1 RXI interrupt request (multiprocessor interrupt), MPIE = 0 RXI interrupt handler reads data in RDR and clears RDRF to 0 Not station’s ID, so MPIE is set to 1 again No RXI interrupt, RDR maintains state 01 1 1 10 1 Serial data Start bit Stop bit Start bit Stop bit Idling (marking) D0 D1 D7 D0 D1 D7 0 MPB MPB MPB Data (ID1) Data (data 1) Figure 14.15 SCI Receive Operation (ID Does Not Match) (Example: 8-Bit Data with Multiprocessor Bit and One Stop Bit) |