| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 504 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 504 Page - Renesas Technology Corp |
|
504 / 919 page ![]() 478 TDRE = 1? Write transmit data in TDR and set MPBT in SSR All data transmitted? Yes TEND = 1? Read TEND bit in SSR Output break signal? Yes Clear port DR to 0 Clear TE bit in SCR to 0; select theTxD pin function as an output port with the PFC End of transmission Yes Read TDRE bit in SSR Clear TDRE bit to 0 Initialization No No Yes No No 1 2 3 4 Start of transmission Figure 14.11 Sample Flowchart for Transmitting Multiprocessor Serial Data |