| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 464 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 464 Page - Renesas Technology Corp |
|
464 / 919 page ![]() 438 13.5.3 Contention between CMCNT Byte Write and Incrementation If an increment occurs during the T2 state of the CMCNT byte write cycle, the counter write has priority, so no increment of the write data results on the side on which the write was performed. The byte data on the side on which writing was not performed is also not incremented, so the contents are those before the write. Figure 13.8 shows the timing when an increment occurs during the T2 state of the CMCNTH write cycle. T1 T2 P φ Address Internal write signal CMCNT input clock CMCNTH CMCNT write cycle CMCNTH N M CMCNTH write data X X CMCNTL Figure 13.8 CMCNT Byte Write and Increment Contention |