| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 436 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 436 Page - Renesas Technology Corp |
|
436 / 919 page ![]() 410 Example of Advanced Pulse Controller Output Operation: Figure 11.4 shows an example of advanced pulse controller output operation. 1. Set ATU-11 registers GR11A and GR11B (to be used for output trigger generation) as output compare registers. Set the rise point in GR11A and the fall point in GR11B, and enable the respective compare-match interrupts. 2. Write H'0101 to POPCR. 3. Start the ATU timer 2 count. When a GR11A compare-match occurs, 1 is output from the PULS0 pin. When a GR11B compare-match occurs, 0 is output from the PULS0 pin. 4. Pulse output widths and output pins can be continually changed by successively rewriting GR11A, GR11B, and POPCR in response to compare-match interrupts. 5. By setting POPCR to a value such as H'E0E0, pulses can be output from up to 8 pins in response to a single compare-match. GR11B GR11A H'0000 POPCR PULS0 PULS1 PULS2 PULS3 PULS4 PULS5 PULS6 PULS7 TCNT value Cleared on overflow E0E0 Rewritten Rewritten Rewritten Rewritten Rewritten Rewritten Rewritten Rewritten Rewritten Rewritten 0101 1010 0808 0404 0202 Figure 11.4 Example of Advanced Pulse Controller Output Operation |