| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 429 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 429 Page - Renesas Technology Corp |
|
429 / 919 page ![]() 403 Section 11 Advanced Pulse Controller (APC) 11.1 Overview The SH7052F/SH7053F/SH7054F has an on-chip advanced pulse controller (APC) that can generate a maximum of eight pulse outputs, using the advanced timer unit II (ATU-II) as the time base. 11.1.1 Features The features of the APC are summarized below. • Maximum eight pulse outputs The pulse output pins can be selected from among eight pins. Multiple settings are possible. • Output trigger provided by advanced timer unit II (ATU-II) channel 2 Pulse 0 output and 1 output is performed using the compare-match signal generated by the ATU-II channel II compare-match register as the trigger. |