| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7052 Fiches technique(PDF) 416 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Fiches technique(HTML) 416 Page - Renesas Technology Corp |
|
416 / 919 page ![]() 390 Contention between Interrupt Status Flag Setting by Interrupt Generation and Clearing: If an event such as input capture/compare-match or overflow/underflow occurs in the T2 state of an interrupt status flag 0 write cycle by the CPU, zeroizing by the 0 write has priority and the interrupt status flag is cleared. The timing in this case is shown in figure 10.67. Pø T1 TSR address N + 1 N 0 written to TSR N Internal write signal Compare-match signal Interrupt status flag IMF Address TCNT GR T2 TSR write cycle Figure 10.67 Contention between Interrupt Status Flag Setting by Compare-Match and Clearing |