Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7018 Fiches technique(PDF) 55 Page - Renesas Technology Corp

No de pièce SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Fiches technique(HTML) 55 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 51Page - Renesas Technology Corp SH7018 Datasheet HTML 52Page - Renesas Technology Corp SH7018 Datasheet HTML 53Page - Renesas Technology Corp SH7018 Datasheet HTML 54Page - Renesas Technology Corp SH7018 Datasheet HTML 55Page - Renesas Technology Corp SH7018 Datasheet HTML 56Page - Renesas Technology Corp SH7018 Datasheet HTML 57Page - Renesas Technology Corp SH7018 Datasheet HTML 58Page - Renesas Technology Corp SH7018 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 431 page
background image
39
In the case of an interrupt or the like, the SP is accessed and the PC and status register (SR) are
saved to the stack area. The exception service routine start address is fetched from the exception
processing vector table. The CPU then branches to that address and execution of the program
begins.
The processing state which follows is the program execution state.
Program Execution State: In this state the CPU executes programs sequentially.
Power-Down State: In this state CPU operation halts in order to consume less power. The SLEEP
instruction causes the CPU to enter the power-down state. This state has two modes, the sleep
mode and the standby mode.
2.5.2
Power-Down State
The power-down state is one of the CPU’s processing states. In this state CPU operation halts, in
addition to the execution of programs, and power consumption is reduced. It has two modes, the
sleep mode and the standby mode.
Sleep Mode: Issuing the SLEEP instruction when the standby bit (SBY) of standby control
register (SBYCR) is cleared to 0 causes the CPU to enter the sleep mode. In the sleep mode CPU
operation is halted, but data stored in the CPU’s internal registers and in on-chip RAM is retained.
The functions of on-chip peripheral modules other than the CPU do not halt.
A power-on reset or any interrupt causes the CPU to recover from the sleep mode. Exception
processing then takes place, after which the CPU enters the normal program execution mode.
Standby Mode: Issuing the SLEEP instruction when SBY of SBYCR is set to 1 causes the CPU
to enter the standby mode. In the standby mode the functioning of the CPU, on-chip peripheral
modules, and oscillator are halted. If the chip enters the standby mode while a multiplier
instruction is executing, the MACH and MACL values become uncertain.
A power-on reset or NMI interrupt causes the chip to recover from the sleep mode. After a reset
the oscillator stabilization time elapses, after which exception processing takes place and then the
chip enters the normal program execution mode. In the case of an NMI interrupt, the oscillator
stabilization time must elapse, after which exception processing takes place and then the chip
enters the normal program execution mode.
This mode halts the operation of the oscillator, so power consumption is decreased substantially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More