| Moteur de recherche de fiches techniques de composants électroniques |
|
7641 Fiches technique(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 Fiches technique(HTML) 83 Page - Renesas Technology Corp |
|
83 / 385 page ![]() Rev.2.00 Aug 28, 2006 page 66 of 113 7641 Group REJ09B0336-0200 HARDWARE FUNCTIONAL DESCRIPTION Fig. 58 Structure of special count source generator mode register Special count source mode register (address 002F16) SCSGM SCSG1 data write control bit 0: Writing data into both Timer latch and Timer simultaneously 1: Writing data into only Timer latch SCSG1 count stop bit 0: Count start 1: Count stop SCSG2 data write control bit 0: Writing data into both Timer latch and Timer simultaneously 1: Writing data into only Timer latch SCSGCLK output control bit 0: SCSGCLK output disabled (SCSG1 and SCSG2 counts stop) 1: SCSGCLK output enabled Reserved bits (“0” at read/write) b0 b7 0 00 0 |