| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7108 Fiches technique(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Fiches technique(HTML) 49 Page - Renesas Technology Corp |
|
49 / 560 page ![]() Section 2 CPU CPUS200A_010020030200 Rev.1.00 Sep. 18, 2008 Page 15 of 522 REJ09B0069-0100 Section 2 CPU 2.1 Features • General-register architecture ⎯ Sixteen 32-bit general registers • Sixty-two basic instructions • Eleven addressing modes ⎯ Register direct [Rn] ⎯ Register indirect [@Rn] ⎯ Register indirect with post-increment [@Rn+] ⎯ Register indirect with pre-decrement [@-Rn] ⎯ Register indirect with displacement [@disp:4,Rn] ⎯ Register indirect with index [@R0, Rn] ⎯ GBR indirect with displacement [@disp:8,GBR] ⎯ GBR indirect with index [@R0,GBR] ⎯ Program-counter relative with displacement [@disp:8,PC] ⎯ Program-counter relative [disp:8/disp:12/Rn] ⎯ Immediate [#imm:8] 2.2 Register Configuration The register set consists of sixteen 32-bit general registers, three 32-bit control registers, and four 32-bit system registers. |