| Moteur de recherche de fiches techniques de composants électroniques |
|
H83397 Fiches technique(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83397 Fiches technique(HTML) 86 Page - Renesas Technology Corp |
|
86 / 747 page ![]() 56 Reset state Hardware standby mode Interrupt request RES = 1 Power-down state Sleep mode Exception- handling state Program execution state Exception handling request End of exception handing SLEEP instruction with SSBY bit set STBY = 1, RES = 0 SLEEP instruction Software standby mode NMI, IRQ0 to IRQ2 or IRQ6 Notes: 1. 2. A transition to the reset state occurs when RES goes low, except when the chip is in the hardware standby mode. A transition from any state to the hardware standby mode occurs when STBY goes low. Figure 2.12 State Transitions 2.6.2 Program Execution State In this state the CPU executes program instructions. 2.6.3 Exception-Handling State The exception-handling state is a transient state that occurs when the CPU is reset or interrupted and changes its normal processing flow. In interrupt exception handling, the CPU references the stack pointer (R7) and saves the program counter and condition code register on the stack. For further details see section 4, Exception Handling. |