| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C23 Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C23 Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 549 page ![]() Rev.2.00 Aug 20, 2008 Page 1 of 501 REJ09B0251-0200 R8C/22 Group, R8C/23 Group RENESAS MCU 1. Overview This MCU is built using the high-performance silicon gate CMOS process using the R8C CPU core and is packaged in a 48-pin plastic molded LQFP. This MCU operates using sophisticated instructions featuring a high level of instruction efficiency. With 1 Mbyte of address space, it is capable of executing instructions at high speed. This MCU is equipped with one CAN module and suited to in-vehicle or FA networking. Furthermore, the data flash (1 KB x 2 blocks) is embedded in the R8C/23 Group. The difference between R8C/22 and R8C/23 Groups is only the existence of the data flash. Their peripheral functions are the same. 1.1 Applications Automotive, etc. REJ09B0251-0200 Rev.2.00 Aug 20, 2008 |