| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C/86T Fiches technique(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T Fiches technique(HTML) 42 Page - Renesas Technology Corp |
|
42 / 505 page ![]() Page 19 4. Special Function Registers (SFR) 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Address Register Symbol Value after RESET 006016 006116 006216 006316 006416 006516 006616 006716 006816 DMA0 Interrupt Control Register DM0IC XXXX X0002 006916 Timer B5 Interrupt Control Register TB5IC XXXX X0002 006A16 DMA2 Interrupt Control Register DM2IC XXXX X0002 006B16 UART2 Receive /ACK Interrupt Control Register S2RIC XXXX X0002 006C16 Timer A0 Interrupt Control Register TA0IC XXXX X0002 006D16 UART3 Receive /ACK Interrupt Control Register S3RIC XXXX X0002 006E16 Timer A2 Interrupt Control Register TA2IC XXXX X0002 006F16 UART4 Receive /ACK Interrupt Control Register S4RIC XXXX X0002 007016 Timer A4 Interrupt Control Register TA4IC XXXX X0002 007116 UART0/UART3 Bus Conflict Detect Interrupt Control Register BCN0IC/BCN3IC XXXX X0002 007216 UART0 Receive/ACK Interrupt Control Register S0RIC XXXX X0002 007316 A/D0 Conversion Interrupt Control Register AD0IC XXXX X0002 007416 UART1 Receive/ACK Interrupt Control Register S1RIC XXXX X0002 Intelligent I/O Interrupt Control Register 0/ IIO0IC/ 007516 XXXX X0002 CAN Interrupt 3 Control Register CAN3IC 007616 Timer B1 Interrupt Control Register TB1IC XXXX X0002 007716 Intelligent I/O Interrupt Control Register 2 IIO2IC XXXX X0002 007816 Timer B3 Interrupt Control Register TB3IC XXXX X0002 007916 Intelligent I/O Interrupt Control Register 4 IIO4IC XXXX X0002 007A16 INT5 Interrupt Control Register INT5IC XX00 X0002 007B16 007C16 INT3 Interrupt Control Register INT3IC XX00 X0002 007D16 Intelligent I/O Interrupt Control Register 8 IIO8IC XXXX X0002 007E16 INT1 Interrupt Control Register INT1IC XX00 X0002 Intelligent I/O Interrupt Control Register 10/ IIO10IC/ 007F16 XXXX X0002 CAN Interrupt 1 Control Register CAN1IC 008016 008116 CAN Interrupt 2 Control Register CAN2IC XXXX X0002 008216 008316 008416 008516 008616 008716 008816 DMA1 Interrupt Control Register DM1IC XXXX X0002 008916 UART2 Transmit /NACK Interrupt Control Register S2TIC XXXX X0002 008A16 DMA3 Interrupt Control Register DM3IC XXXX X0002 008B16 UART3 Transmit /NACK Interrupt Control Register S3TIC XXXX X0002 008C16 Timer A1 Interrupt Control Register TA1IC XXXX X0002 008D16 UART4 Transmit /NACK Interrupt Control Register S4TIC XXXX X0002 008E16 Timer A3 Interrupt Control Register TA3IC XXXX X0002 008F16 UART2 Bus Conflict Detect Interrupt Control Register BCN2IC XXXX X0002 X: Indeterminate Blank spaces are reserved. No access is allowed. |