| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663R Fiches technique(PDF) 988 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R Fiches technique(HTML) 988 Page - Renesas Technology Corp |
|
988 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 956 of 1468 REJ09B0412-0200 Start transmission Transmission [1] No No No Yes Yes Yes Read TEND flag in SSR Make transition to software standby mode Cancel software standby mode TE = 0 Initialization TE = 1 [2] [3] All data transmitted? Change operating mode? TEND = 1 [1] Data being transmitted is lost halfway. Data can be normally transmitted from the CPU by setting the TE bit to 1, reading SSR, writing to TDR, and clearing the TDRE bit to 0 after clearing software standby mode; however, if the DTC has been activated, the data remaining in the DTC will be transmitted when both the TE and TIE bits are set to 1. [2] Clear the TIE and TEIE bits to 0 when they are 1. [3] Setting of the module stop state is included. Figure 19.39 Sample Flowchart for Software Standby Mode Transition during Transmission TE bit SCK* output pin TxD output pin Note: * Not output in SCI_5, 6. Port input/output Port input/output Port input/output Start Stop High output High output Transmission start Transmission end Transition to software standby mode Software standby mode canceled SCI TxD output Port Port SCI TxD output Figure 19.40 Port Pin States during Software Standby Mode Transition (Internal Clock, Asynchronous Transmission) |