Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 978 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 978 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 982Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 946 of 1468
REJ09B0412-0200
At power-on and transitions to/from software standby mode, use the following procedure to secure
the appropriate clock duty cycle.
• At power-on
To secure the appropriate clock duty cycle simultaneously with power-on, use the following
procedure.
1. Initially, port input is enabled in the high-impedance state. To fix the potential level, use a
pull-up or pull-down resistor.
2. Fix the SCK pin to the specified output using the CKE1 bit in SCR.
3. Set SMR and SCMR to enable smart card interface mode.
Set the CKE0 bit in SCR to 1 to start clock output.
• At mode switching
 At transition from smart card interface mode to software standby mode
1. Set the data register (DR) and data direction register (DDR) corresponding to the SCK
pin to the values for the output fixed state in software standby mode. (SCI_0, 1, 2, and
4 only)
2. Write 0 to the TE and RE bits in SCR to stop transmission/reception. Simultaneously,
set the CKE1 bit to the value for the output fixed state in software standby mode.
3. Write 0 to the CKE0 bit in SCR to stop the clock.
4. Wait for one cycle of the serial clock. In the mean time, the clock output is fixed to the
specified level with the duty cycle retained.
5. Make the transition to software standby mode.
 At transition from smart card interface mode to software standby mode
1. Clear software standby mode.
2. Write 1 to the CKE0 bit in SCR to start clock output. A clock signal with the
appropriate duty cycle is then generated.
[1] [2] [3]
[4] [5]
[7]
Software
standby
Normal operation
Normal operation
[6]
Figure 19.35 Clock Stop and Restart Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More