Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663R Fiches technique(PDF) 883 Page - Renesas Technology Corp

No de pièce H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Fiches technique(HTML) 883 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 885Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 886Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 851 of 1468
REJ09B0412-0200
To avert contention between initialization of the up-counter due to the changed value of the bit
and counting operation, change the CKS1 bit from 0 to 1 within the 32KOVI interrupt routine.
Timing of the operation of changing the CKS1 bit when EXCKSN=0 is shown in figure 17.3.
Note that generation of the 32KOVI interrupt will fail once if there is a conflict between the
timing with which the CKS1 bit is changed from 1 to 0 and the value of TCNT32K3 becomes
H'3B. This is shown in figure 17.4.
H'3B
H'0000
H'FFFF
TCNT32K3
TCNT32K1, TCNT32K2
H'0001
TME = 1
CKS = 0
H'0002
H'0003
H'0001
H'0002
H'0001
H'0002
H'00
32KOVI
CKS1
Time
Operate in interrupt handling routine
3 cycles of the SUBCK clock width
Figure 17.3 Operation of Changing the CKS1 bit when EXCKSN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More