Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 1014 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 1014 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 1010Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1011Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1012Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1013Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1014Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1015Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1016Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1017Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1018Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 986 of 1044
REJ09B0280-0300
TCONRI—Timer Connection Register I
H'FFFC
Timer Connection
Bit
Initial value
Read/Write
7
SIMOD1
0
R/W
6
SIMOD0
0
R/W
5
SCONE
0
R/W
4
ICST
0
R/W
3
HFINV
0
R/W
0
VIINV
0
R/W
2
VFINV
0
R/W
1
HIINV
0
R/W
Input synchronization mode select 1 and 0
0
1
No signal
S-on-G mode
Composite mode
Separate mode
0
1
0
1
SIMOD1
Mode
HFBACKI input
CSYNCI input
HSYNCI input
HSYNCI input
IHI signal
VFBACKI input
PDC input
PDC input
VSYNCI input
IVI signal
SIMOD0
Synchronization signal connection enable
0
1
FTIA
input
Normal
connection
SCONE
FTIA
FTIB
FTIC
FTID
TMCI1
TMRI1
Mode
FTIB
input
FTIC
input
TMCI1
input
TMRI1
input
FTID
input
IVI
signal
Synchronization
signal connec-
tion mode
TMO1
signal
VFBACKI
input
IHI
signal
IVI
inverse
signal
IHI
signal
Input synchronization
signal inversion
0
The VSYNCI pin state
is used directly as
the VSYNCI input
1
The VSYNCI pin state
is inverted before use
as the VSYNCI input
Input synchronization signal inversion
0
The HSYNCI and CSYNCI pin states are used
directly as the HSYNCI and CSYNCI inputs
1
The HSYNCI and CSYNCI pin states are inverted
before use as the HSYNCI and CSYNCI inputs
Input synchronization signal inversion
0
The VFBACKI pin state is used directly as the VFBACKI input
1
The VFBACKI pin state is inverted before use as the VFBACKI input
Input capture start bit
0
The TICRR and TICRF input capture functions are stopped
[Clearing condition]
When a rising edge followed by a falling edge is detected on TMRIX
1
The TICRR and TICRF input capture functions are operating
(Waiting for detection of a rising edge followed by a falling edge on TMRIX)
[Setting condition]
When 1 is written in ICST after reading ICST = 0
Input synchronization signal inversion
0
The HFBACKI pin state is used directly as the HFBACKI input
1
The HFBACKI pin state is inverted before use as the HFBACKI input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More