Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 1011 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 1011 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 1007Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1008Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1009Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1010Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1011Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1012Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1013Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1014Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1015Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 983 of 1044
REJ09B0280-0300
STR1—Status Register 1
H'FFF6
HIF (XBS)
STR2—Status Register 2
H'FFFE
HIF (XBS)
7
DBU
0
R/W
R
6
DBU
0
R/W
R
5
DBU
0
R/W
R
4
DBU
0
R/W
R
3
C/
D
0
R
R
0
OBF
0
R/(W)*
R
2
DBU
0
R/W
R
1
IBF
0
R
R
Bit
Initial value
Slave R/W
Host R/W
Output buffer full
0
[Clearing condition]
When the host processor reads ODR
or the slave writes 0 in the OBF bit
1
[Setting condition]
When the slave processor writes to
ODR
User-defined bits
Input buffer full
0
[Clearing condition]
When the slave processor reads IDR
1
[Setting condition]
When the host processor writes to IDR
Command/data
Note: * Only 0 can be written, to clear the flag.
0
Contents of input data register (IDR) are data
1
Contents of input data register (IDR) are a command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More