Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 996 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 996 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 992Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 993Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 994Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 995Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 996Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 997Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 998Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 999Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 968 of 1044
REJ09B0280-0300
TCSR1—Timer Control/Status Register 1
H'FFCB
TMR1
7
CMFB
0
R/(W)*
6
CMFA
0
R/(W)*
5
OVF
0
R/(W)*
4
—
1
—
3
OS3
0
R/W
0
OS0
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
Bit
Initial value
Read/Write
TCSR1
Output select 1 and 0
0
No change at compare match A
0
0 output at compare match A
1
1
1 output at compare match A
0
Output inverted at compare
match A (toggle output)
1
Output select 3 and 2
0
No change at compare match B
0
0 output at compare match B
1
1
1 output at compare match B
0
Output inverted at compare
match B (toggle output)
1
Timer overflow flag
0
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
1
[Setting condition]
When TCNT overflows from H'FF to H'00
Compare match flag A
0
[Clearing conditions]
• Read CMFA when CMFA = 1, then write 0 in CMFA
• When the DTC is activated by a CMIA interrupt
1
[Setting condition]
When TCNT = TCORA
Compare match flag B
0
[Clearing conditions]
• Read CMFB when CMFB = 1, then write 0 in CMFB
• When the DTC is activated by a CMIB interrupt
1
[Setting condition]
When TCNT = TCORB
Note: * Only 0 can be written in bits 7 to 5, to clear the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More