| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 995 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 995 Page - Renesas Technology Corp |
|
995 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 967 of 1044 REJ09B0280-0300 TCSR0—Timer Control/Status Register 0 H'FFCA TMR0 7 CMFB 0 R/(W)* 6 CMFA 0 R/(W)* 5 OVF 0 R/(W)* 4 ADTE 0 R/W 3 OS3 0 R/W 0 OS0 0 R/W 2 OS2 0 R/W 1 OS1 0 R/W Bit Initial value Read/Write TCSR0 Output select 1 and 0 0 No change at compare match A 0 0 output at compare match A 1 1 1 output at compare match A 0 Output inverted at compare match A (toggle output) 1 Note: Output select 3 and 2 0 No change at compare match B 0 0 output at compare match B 1 1 1 output at compare match B 0 Output inverted at compare match B (toggle output) 1 A/D trigger enable 0 A/D converter start requests by compare match A are disabled 1 A/D converter start requests by compare match A are enabled Timer overflow flag 0 [Clearing condition] Read OVF when OVF = 1, then write 0 in OVF 1 [Setting condition] When TCNT overflows from H'FF to H'00 Compare match flag A 0 [Clearing conditions] • Read CMFA when CMFA = 1, then write 0 in CMFA • When the DTC is activated by a CMIA interrupt 1 [Setting condition] When TCNT = TCORA Compare match flag B 0 [Clearing conditions] • Read CMFB when CMFB = 1, then write 0 in CMFB • When the DTC is activated by a CMIB interrupt 1 [Setting condition] When TCNT = TCORB * Only 0 can be written in bits 7 to 5, to clear the flags. |