| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 926 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 926 Page - Renesas Technology Corp |
|
926 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 898 of 1044 REJ09B0280-0300 IDR3—Input Data Register 3 H'FE30 HIF (LPC) IDR1—Input Data Register 1 H'FE38 HIF (LPC) IDR2—Input Data Register 2 H'FE3C HIF (LPC) 7 Bit 7 — R W 6 Bit 6 — R W 5 Bit 5 — R W 4 Bit 4 — R W Written by host using I/O address in table below* 3 Bit 3 — R W 0 Bit 0 — R W 2 Bit 2 — R W 1 Bit 1 — R W Bit Initial value Slave Read/Write Host Read/Write I/O address Host register selection Transfer cycle Bits 15 to 4 Bit 3 0 0 0 0 Bit 2 0 1 0 1 Bit 1 0 0 1 1 Bit 0 0 0 0 0 I/O write I/O write I/O write I/O write IDR1 write, C/ D1 ← 0 IDR1 write, C/ D1 ← 1 IDR2 write, C/ D2 ← 0 IDR2 write, C/ D2 ← 1 0000 0000 0110 0000 0000 0110 0000 0000 0110 0000 0000 0110 Note: * For information on IDR3 selection, see section 18B.2.4, LPC Channel 3 Address Register (LADR3). |