Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 920 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 920 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 916Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 917Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 918Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 919Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 920Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 921Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 922Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 923Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 924Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 920 / 1075 page
background image
Appendix B Internal I/O Registers
Rev. 3.00 Jan 18, 2006 page 892 of 1044
REJ09B0280-0300
Lower
Address
Register
Name
H8S/2149 Register
Selection Conditions
H8S/2169 Register
Selection Conditions
Module Name
H'FFFC
IDR2
MSTP2 = 0, HIE = 1 in
SYSCR
←
HIF:XBS
TCONRI
MSTP8 = 0, HIE = 0 in
SYSCR
←
Timer connection
H'FFFD
ODR2
MSTP2 = 0, HIE = 1 in
SYSCR
←
HIF:XBS
TCONRO
MSTP8 = 0, HIE = 0 in
SYSCR
←
Timer connection
H'FFFE
STR2
MSTP2 = 0, HIE = 1 in
SYSCR
←
HIF:XBS
TCONRS
←
Timer connection
H'FFFF
SEDGR
MSTP8 = 0, HIE = 0 in
SYSCR
Note:
*
The settings of HIF:XBS related bits do not affect the operation of the HIF:LPC.
However, for reasons relating to the configuration of the program development tool
(emulator), when the HIF:LPC is used, bit HI12E in SYSCR2 should not be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More