Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 875 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 875 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 871Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 872Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 873Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 874Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 875Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 876Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 877Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 878Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1075 page
background image
Appendix A Instruction Set
Rev. 3.00 Jan 18, 2006 page 847 of 1044
REJ09B0280-0300
Table A.5
Number of Cycles per Instruction
Instruction Mnemonic
Instruction
Fetch
I
Branch
Address
Read
J
Stack
Operation
K
Byte Data
Access
L
Word Data
Access
M
Internal
Operation
N
ADD
ADD.B #xx:8,Rd
1
ADD.B Rs,Rd
1
ADD.W #xx:16,Rd
2
ADD.W Rs,Rd
1
ADD.L #xx:32,ERd
3
ADD.L ERs,ERd
1
ADDS
ADDS #1/2/4,ERd
1
ADDX
ADDX #xx:8,Rd
1
ADDX Rs,Rd
1
AND
AND.B #xx:8,Rd
1
AND.B Rs,Rd
1
AND.W #xx:16,Rd
2
AND.W Rs,Rd
1
AND.L #xx:32,ERd
3
AND.L ERs,ERd
2
ANDC
ANDC #xx:8,CCR
1
ANDC #xx:8,EXR
2
BAND
BAND #xx:3,Rd
1
BAND #xx:3,@ERd
2
1
BAND #xx:3,@aa:8
2
1
BAND #xx:3,@aa:16
3
1
BAND #xx:3,@aa:32
4
1
Bcc
BRA d:8
(BT d:8)
2
BRN d:8
(BF d:8)
2
BHI d:8
2
BLS d:8
2
BCC d:8
(BHS d:8)
2
BCS d:8
(BLO d:8)
2
BNE d:8
2
BEQ d:8
2
BVC d:8
2
BVS d:8
2
BPL d:8
2
BMI d:8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More