Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64F2149YV Fiches technique(PDF) 873 Page - Renesas Technology Corp

No de pièce HD64F2149YV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149YV Fiches technique(HTML) 873 Page - Renesas Technology Corp

Back Button HD64F2149YV Datasheet HTML 869Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 870Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 871Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 872Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 873Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 874Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 875Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 876Page - Renesas Technology Corp HD64F2149YV Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1075 page
background image
Appendix A Instruction Set
Rev. 3.00 Jan 18, 2006 page 845 of 1044
REJ09B0280-0300
A.4
Number of States Required for Execution
The tables in this section can be used to calculate the number of states required for instruction
execution by the H8S/2000 CPU. Table A.5 shows the number of instruction fetch, data
read/write, and other cycles occurring in each instruction, and table A.4 shows the number of
states required per cycle according to the bus size. The number of states required for execution of
an instruction can be calculated from these two tables as follows:
Number of states = I
× S
I + J × SJ + K × SK + L × SL + M × SM + N × SN
Examples of Calculation of Number of States Required for Execution
Examples: Advanced mode, stack located in external address space, on-chip supporting modules
accessed in two states with 8-bit bus width, external devices accessed in three states with one wait
state and 16-bit bus width.
1. BSET #0,@FFFFC7:8
From table A.5, I = L = 2 and J = K = M = N = 0
From table A.4, S
I = 4 and SL = 2
Number of states = 2
× 4 + 2 × 2 = 12
2. JSR @@30
From table A.5, I = J = K = 2 and L = M = N = 0
From table A.4, S
I = SJ= SK = 4
Number of states = 2
× 4 + 2 × 4 + 2 × 4 = 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More