| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149 Fiches technique(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Fiches technique(HTML) 86 Page - Renesas Technology Corp |
|
86 / 1075 page ![]() Section 2 CPU Rev. 3.00 Jan 18, 2006 page 58 of 1044 REJ09B0280-0300 Type Instruction Size* 1 Function Branch instructions Bcc — Branches to a specified address if a specified condition is true. The branching conditions are listed below. Mnemonic Description Condition BRA(BT) Always (true) Always BRN(BF) Never (false) Never BHI High C ∨ Z = 0 BLS Low or same C ∨ Z = 1 BCC(BHS) Carry clear (high or same) C = 0 BCS(BLO) Carry set (low) C = 1 BNE Not equal Z = 0 BEQ Equal Z = 1 BVC Overflow clear V = 0 BVS Overflow set V = 1 BPL Plus N = 0 BMI Minus N = 1 BGE Greater or equal N ⊕ V = 0 BLT Less than N ⊕ V = 1 BGT Greater than Z ∨(N ⊕ V) = 0 BLE Less or equal Z ∨(N ⊕ V) = 1 JMP — Branches unconditionally to a specified address. BSR — Branches to a subroutine at a specified address. JSR — Branches to a subroutine at a specified address. RTS — Returns from a subroutine TRAPA — Starts trap-instruction exception handling. RTE — Returns from an exception-handling routine. System control instructions SLEEP — Causes a transition to a power-down state. LDC B/W (EAs) → CCR, (EAs) → EXR Moves contents of a general register or memory or immediate data to CCR or EXR. Although CCR and EXR are 8-bit registers, word-size transfers are performed between them and memory. The upper 8 bits are valid. |