| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3008 Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3008 Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 686 page ![]() Rev.4.00 Aug. 20, 2007, Page xxxix of xliv REJ09B0395-0400 Tables Section 1 Overview Table 1.1 Features .............................................................................................................. 2 Table 1.2 Comparison of H8/3008 Pin Arrangements ....................................................... 6 Table 1.3 Pin Functions...................................................................................................... 8 Table 1.4 Pin Assignments in Each Mode (FP-100B, TFP-100B) ..................................... 12 Section 2 CPU Table 2.1 Instruction Classification.................................................................................... 27 Table 2.2 Instructions and Addressing Modes ................................................................... 28 Table 2.3 Data Transfer Instructions .................................................................................. 30 Table 2.4 Arithmetic Operation Instructions ...................................................................... 31 Table 2.5 Logic Operation Instructions .............................................................................. 33 Table 2.6 Shift Instructions ................................................................................................ 33 Table 2.7 Bit Manipulation Instructions............................................................................. 34 Table 2.8 Branching Instructions........................................................................................ 36 Table 2.9 System Control Instructions ............................................................................... 37 Table 2.10 Block Transfer Instruction.................................................................................. 38 Table 2.11 Addressing Modes .............................................................................................. 41 Table 2.12 Absolute Address Access Ranges....................................................................... 42 Table 2.13 Effective Address Calculation ............................................................................ 44 Table 2.14 Exception Handling Types and Priority ............................................................. 48 Section 3 MCU Operating Modes Table 3.1 Operating Mode Selection .................................................................................. 55 Table 3.2 Registers ............................................................................................................. 56 Table 3.3 Pin Functions in Each Mode............................................................................... 61 Section 4 Exception Handling Table 4.1 Exception Types and Priority ............................................................................. 65 Table 4.2 Exception Vector Table...................................................................................... 67 Section 5 Interrupt Controller Table 5.1 Interrupt Pins ...................................................................................................... 77 Table 5.2 Interrupt Controller Registers............................................................................. 77 Table 5.3 Interrupt Sources, Vector Addresses, and Priority ............................................. 89 Table 5.4 UE, I, and UI Bit Settings and Interrupt Handling ............................................. 92 Table 5.5 Interrupt Response Time .................................................................................... 98 |