| Moteur de recherche de fiches techniques de composants électroniques |
|
AMC6821 Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AMC6821 Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 54 page ![]() www.ti.com LTL (LocalTemperature Local-Low-Temp-Limit) £ Bit LTH (LocalTemperature Local-High-Temp-Limit) ³ Bit (localtemperatureout-of-range) LTOIEBit (localtemperatureinterruptenabled) (LocalTemperatureOut-of-RangeInterrupt) RTL (RemoteTemperature Remote-Low-Temp-Limit) £ Bit RTH (RemoteTemperature Remote-High-Temp-Limit) ³ Bit RTOIEBit (remotetemperatureinterruptenabled) (RemoteTemperatureOut-of-RangeInterrupt) LPSVBit(PSVinterrupt) PSVIEBit RTF=1(remotesensorfailure) LTCBit(localtemperaturereachescriticaltemperature) RTCBit(remotetemperaturereachescriticaltemperature) INT-EN R-THERMBit(overremoteTHERMinterrupt) THERMOVIEBit L-THERMBit(overlocalTHERMinterrupt) THERMOVIEBit RTFIEBit (remotetemperatureout-of-range) RPM-ALARMBit(TACH<TACH-High-Limit) (RPMout-of-range) FANIEBit (FAN- ACHinterruptenabled) T FANSBit(TACH>TACH-Low-Limit) (FAN-ORNinterrupt) AMC6821 SMBALERT +V AMC6821 SBAS386C – MAY 2006 – REVISED JULY 2007 Individual interrupts can be masked by clearing the corresponding interrupt enable bit in the configuration registers to prevent SMBALERT interrupts. Note that masking an interrupt source only prevents the SMBALERT pin output from being asserted; the appropriate status bit gets set as normal. Figure 33. SMBALERT 32 Submit Documentation Feedback Copyright © 2006–2007, Texas Instruments Incorporated Product Folder Link(s): AMC6821 |