| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C2K Fiches technique(PDF) 286 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Fiches technique(HTML) 286 Page - Renesas Technology Corp |
|
286 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 269 of 450 REJ09B0406-0110 Figure 16.110 Operating Example of PWM Mode m n p Value in TRDi register Count source m+1 n+1 TRDIOCi output q m-n p+1 m-p m-q q+1 TRDIODi output m: Value set in TRDGRAi register n: Value set in TRDGRBi register p: Value set in TRDGRCi register q: Value set in TRDGRDi register Inactive level “L” Active level “H” Inactive level “H” Active level “L” Set to 0 by a program Set to 0 by a program Set to 0 by a program TRDIOBi output IMFA bit in TRDSRi register 1 0 IMFB bit in TRDSRi register 1 0 IMFC bit in TRDSRi register 1 0 IMFD bit in TRDSRi register 1 0 i = 0 or 1 Set to 0 by a program The above applies under the following conditions: Bits BFCi and BFDi in the TRDMR register are set to 0 (registers TRDGRCi and TRDGRDi are not used as buffer registers). Bits EBi, ECi and EDi in the TRDOER1 register are set to 0 (enable TRDIOBi, TRDIOCi and TRDIODi pin outputs). Bits TOBi and TOCi in the TRDOCR register are set to 0 (inactive level), the TODi bit is set to 1 (active level). The POLB bit in the TRDPOCRi register is set to 1 (active level “H”), bits POLC and POLD are set to 0 (active level “L”). Initial output “L” to compare match Initial output “H” to compare match Initial output “L” to compare match |