| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C2K Fiches technique(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Fiches technique(HTML) 80 Page - Renesas Technology Corp |
|
80 / 471 page ![]() R8C/2K Group, R8C/2L Group 7. Programmable I/O Ports Rev.1.10 Dec 21, 2007 Page 63 of 450 REJ09B0406-0110 X: 0 or 1 NOTES: 1. Pulled up by setting the PU04 bit in the PUR0 register to 1. 2. Output drive capacity high by setting the P2DRR2 bit in the P2DRR register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU04 bit in the PUR0 register to 1. 2. Output drive capacity high by setting the P2DRR3 bit in the P2DRR register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU05 bit in the PUR0 register to 1. 2. Output drive capacity high by setting the P2DRR4 bit in the P2DRR register to 1. Table 7.22 Port P2_2/TRDIOC0 Register PD2 TRDOER1 TRDFCR TRDPMR TRDIORC0 Function Bit PD2_2 EC0 CMD1 CMD0 PWM3 PWMC0 IOC2 IOC1 IOC0 Setting Value 0 1 XXX X X X X Input port(1) 1 1 XXX X X X X Output port(2) 0 X 0 0 1 0 1 X X Timer mode (input capture function) X0 10 XX X X X Complementary PWM mode waveform output(2) 11 X0 0 1 X X X X X Reset synchronous PWM mode waveform output(2) X 0 001 1 X X X PWM mode waveform output(2) X 0 001 0 00 1 Timer mode waveform output (output compare function)(2) 01 X Table 7.23 Port P2_3/TRDIOD0 Register PD2 TRDOER1 TRDFCR TRDPMR TRDIORC0 Function Bit PD2_3 ED0 CMD1 CMD0 PWM3 PWMD0 IOD2 IOD1 IOD0 Setting Value 0 1 XXX X X X X Input port(1) 1 1 XXX X X X X Output port(2) 0 X 0 0 1 0 1 X X Timer mode (input capture function) X0 10 XX X X X Complementary PWM mode waveform output(2) 11 X0 0 1 X X X X X Reset synchronous PWM mode waveform output(2) X 0 001 1 X X X PWM mode waveform output(2) X 0 001 0 00 1 Timer mode waveform output (output compare function)(2) 01 X Table 7.24 Port P2_4/TRDIOA1 Register PD2 TRDOER1 TRDFCR TRDIORA1 Function Bit PD2_4 EA1 CMD1 CMD0 PWM3 IOA2 IOA1 IOA0 Setting Value 0 1 XXX X X X Input port(1) 1 1 XXX X X X Output port(2) 0 X 0 0 1 1 X X Timer mode (input capture function) X0 10 XX X X Complementary PWM mode waveform output(2) 11 X0 0 1 X X X X Reset synchronous PWM mode waveform output(2) X 0 001 00 1 Timer mode waveform output (output compare function)(2) 01 X |