| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C2K Fiches technique(PDF) 406 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Fiches technique(HTML) 406 Page - Renesas Technology Corp |
|
406 / 471 page ![]() R8C/2K Group, R8C/2L Group 20. Flash Memory Rev.1.10 Dec 21, 2007 Page 389 of 450 REJ09B0406-0110 Figure 20.22 Block Erase Command in EW1 Mode (When Suspend Function Enabled) Start Write the command code 20h Write D0h to any block address FMR00 = 1 ? Full status check Block erase completed No Yes FMR40 = 1 I = 1 (enable interrupt) FMR41 = 0 Maskable interrupt(1) REIT Access flash memory NOTE: 1. td(SR-SUS) is needed until the interrupt request is acknowledged after it is generated. The interrupt to enter suspend should be in interrupt enabled status. |