| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C2K Fiches technique(PDF) 343 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Fiches technique(HTML) 343 Page - Renesas Technology Corp |
|
343 / 471 page ![]() R8C/2K Group, R8C/2L Group 17. Serial Interface Rev.1.10 Dec 21, 2007 Page 326 of 450 REJ09B0406-0110 17.1.3 Continuous Receive Mode Continuous receive mode is selected by setting the UiRRM (i = 0 or 2) bit in the UiC1 register to 1 (enables continuous receive mode). In this mode, reading the UiRB register sets the TI bit in the UiC1 register to 0 (data in the UiTB register). When the UiRRM bit is set to 1, do not write dummy data to the UiTB register by a program. |