Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH7NA80 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STH7NA80
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH7NA80 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STH7NA80 Datasheet HTML 2Page - STMicroelectronics STH7NA80 Datasheet HTML 3Page - STMicroelectronics STH7NA80 Datasheet HTML 4Page - STMicroelectronics STH7NA80 Datasheet HTML 5Page - STMicroelectronics STH7NA80 Datasheet HTML 6Page - STMicroelectronics STH7NA80 Datasheet HTML 7Page - STMicroelectronics STH7NA80 Datasheet HTML 8Page - STMicroelectronics STH7NA80 Datasheet HTML 9Page - STMicroelectronics STH7NA80 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.75
1
0.029
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U
4.6
0.181
L1
M
L6
12
3
L5
L4
N
L3
L2
P025C
ISOWATT218 MECHANICAL DATA
STW7NA80-STH7NA80FI
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10