| Moteur de recherche de fiches techniques de composants électroniques |
|
M32C80 Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C80 Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 352 page ![]() Quick Reference by Address B-2 Address Register Page 006016 006116 006216 006316 006416 006516 006616 006716 006816 DMA0 Interrupt Control Register (DM0IC) 006916 Timer B5 Interrupt Control Register (TB5IC) 006A16 DMA2 Interrupt Control Register (DM2IC) 006B16 UART2 Receive /ACK Interrupt Control Register (S2RIC) 006C16 Timer A0 Interrupt Control Register (TA0IC) 006D16 UART3 Receive /ACK Interrupt Control Register (S3RIC) 006E16 Timer A2 Interrupt Control Register (TA2IC) 006F16 UART4 Receive /ACK Interrupt Control Register (S4RIC) 007016 Timer A4 Interrupt Control Register (TA4IC) UART0 Bus Conflict Detect Interrupt Control Register (BCN0IC)/ 007116 90 UART3 Bus Conflict Detect Interrupt Control Register (BCN3IC) 007216 UART0 Receive/ACK Interrupt Control Register (S0RIC) 007316 A/D0 Conversion Interrupt Control Register (AD0IC) 007416 UART1 Receive/ACK Interrupt Control Register (S1RIC) Intelligent I/O Interrupt Control Register 0 (IIO0IC)/ 007516 CAN Interrupt 3 Control Register (CAN3IC) 007616 Timer B1 Interrupt Control Register (TB1IC) 007716 Intelligent I/O Interrupt Control Register 2 (IIO2IC) 007816 Timer B3 Interrupt Control Register (TB3IC) 007916 Intelligent I/O Interrupt Control Register 4 (IIO4IC) 007A16 INT5 Interrupt Control Register (INT5IC) 91 007B16 007C16 INT3 Interrupt Control Register (INT3IC) 91 007D16 007E16 INT1 Interrupt Control Register (INT1IC) 91 007F16 008016 008116 008216 008316 008416 008516 008616 008716 008816 DMA1 Interrupt Control Register (DM1IC) 008916 UART2 Transmit /NACK Interrupt Control Register (S2TIC) 008A16 DMA3 Interrupt Control Register (DM3IC) 008B16 UART3 Transmit /NACK Interrupt Control Register (S3TIC) 90 008C16 Timer A1 Interrupt Control Register (TA1IC) 008D16 UART4 Transmit /NACK Interrupt Control Register (S4TIC) 008E16 Timer A3 Interrupt Control Register (TA3IC) 008F16 UART2 Bus Conflict Detect Interrupt Control Register (BCN2IC) Address Register Page 009016 UART0 Transmit /NACK Interrupt Control Register (S0TIC) UART1 Bus Conflict Detect Interrupt Control Register (BCN1IC)/ 009116 UART4 Bus Conflict Detect Interrupt Control Register (BCN4IC) 009216 UART1 Transmit/NACK Interrupt Control Register (S1TIC) 009316 Key Input Interrupt Control Register (KUPIC) 009416 Timer B0 Interrupt Control Register (TB0IC) 91 Intelligent I/O Interrupt Control Register 1 (IIO1IC)/ 009516 CAN Interrupt 4 Control Register (CAN4IC) 009616 Timer B2 Interrupt Control Register (TB2IC) 009716 Intelligent I/O Interrupt Control Register 3 (IIO3IC) 009816 Timer B4 Interrupt Control Register (TB4IC) 009916 009A16 INT4 Interrupt Control Register (INT4IC) 91 009B16 009C16 INT2 Interrupt Control Register (INT2IC) 91 009D16 009E16 INT0 Interrupt Control Register (INT0IC) 91 009F16 Exit Priority Control Register (RLVL) 92 00A016 Interrupt Request Register 0 (IIO0IR) 00A116 Interrupt Request Register 1 (IIO1IR) 00A216 Interrupt Request Register 2 (IIO2IR) 103 00A316 Interrupt Request Register 3 (IIO3IR) 00A416 Interrupt Request Register 4 (IIO4IR) 00A516 Interrupt Request Register 5 (IIO5IR) 00A616 00A716 00A816 00A916 00AA16 00AB16 00AC16 00AD16 00AE16 00AF16 00B016 Interrupt Enable Register 0 (IIO0IE) 00B116 Interrupt Enable Register 1 (IIO1IE) 00B216 Interrupt Enable Register 2 (IIO2IE) 104 00B316 Interrupt Enable Register 3 (IIO3IE) 00B416 Interrupt Enable Register 4 (IIO4IE) 00B516 00B616 00B716 00B816 00B916 00BA16 00BB16 00BC16 00BD16 00BE16 00BF16 Blank spaces are reserved. No access is allowed. |