| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C2A Fiches technique(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2A Fiches technique(HTML) 79 Page - Renesas Technology Corp |
|
79 / 609 page ![]() R8C/2A Group, R8C/2B Group 7. Programmable I/O Ports Rev.2.00 Nov 26, 2007 Page 59 of 580 REJ09B0324-0200 Figure 7.3 Configuration of Programmable I/O Ports (3) P3_0 and P3_1 Direction register Data bus Pull-up selection 1 Output from individual peripheral function Port latch Direction register 1 Data bus Pull-up selection Input to individual peripheral function Output from individual peripheral function P2 Drive capacity selection Drive capacity selection P1_6 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Output from individual peripheral function NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) (Note 1) Port latch Port latch |