| Moteur de recherche de fiches techniques de composants électroniques |
|
R8C Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 199 page ![]() R8C/10 Group Rev.1.20 Jan 27, 2006 page 29 of 180 REJ09B0019-0120 Generated Interrupt Factor Bit showing interrupt factor Oscillation stop detection (a) The OCD3 bit in the OCD register = 1 ( (a) or (b) ) (b) The OCD1 to OCD0 bits in the OCD register = 112 and the OCD2 bit = 1 Figure 6.6 Switching Clock Source From On-Chip Oscillator to Main Clock Table 6.5 Determination of Interrupt Factor of Oscillation Stop Detection Switch to Main clock Verify OCD3 bit Determine several times 1(main clock stop) 0(main clock oscillating) Determine several times that the main clock is supplied Set OCD2 bit to 0 (selecting main clock) OCD3 to OCD0 bits: Bits in OCD register End Set OCD1 to OCD0 bits to 002 (oscillation stop detection function disabled) 6.5 Oscillation Stop Detection Function |