Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS72011RB120FPV Fiches technique(PDF) 16 Page - Renesas Technology Corp

No de pièce DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Fiches technique(HTML) 16 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 12Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 13Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 14Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 15Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 16Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 17Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 18Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 19Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 1196 page
background image
Rev. 2.00 Sep. 07, 2007 Page xvi of xxviii
11.10 Reload Function.................................................................................................................363
11.11 Rotate Function.................................................................................................................. 365
11.12 Transfer Speed ................................................................................................................... 366
11.13 Usage Note......................................................................................................................... 367
11.13.1 Note on Making a Transition To Software Standby
Mode or Deep Standby Mode ............................................................................... 367
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)................................... 369
12.1
Features.............................................................................................................................. 369
12.2
Input/Output Pins...............................................................................................................375
12.3
Register Descriptions ......................................................................................................... 376
12.3.1 Timer Control Register (TCR).............................................................................. 382
12.3.2 Timer Mode Register (TMDR)............................................................................. 386
12.3.3 Timer I/O Control Register (TIOR) ...................................................................... 389
12.3.4 Timer Compare Match Clear Register (TCNTCMPCLR).................................... 408
12.3.5 Timer Interrupt Enable Register (TIER)............................................................... 409
12.3.6 Timer Status Register (TSR)................................................................................. 414
12.3.7 Timer Buffer Operation Transfer Mode Register (TBTM)................................... 421
12.3.8 Timer Input Capture Control Register (TICCR)................................................... 422
12.3.9 Timer A/D Converter Start Request Control Register (TADCR) ......................... 423
12.3.10 Timer A/D Converter Start Request Cycle Set Registers
(TADCORA_4 and TADCORB_4)...................................................................... 426
12.3.11 Timer A/D Converter Start Request Cycle Set Buffer Registers
(TADCOBRA_4 and TADCOBRB_4) ................................................................ 427
12.3.12 Timer Counter (TCNT)......................................................................................... 427
12.3.13 Timer General Register (TGR) ............................................................................. 428
12.3.14 Timer Start Register (TSTR) ................................................................................ 429
12.3.15 Timer Synchronous Register (TSYR)................................................................... 431
12.3.16 Timer Counter Synchronous Start Register (TCSYSTR) ..................................... 433
12.3.17 Timer Read/Write Enable Register (TRWER) ..................................................... 435
12.3.18 Timer Output Master Enable Register (TOER) .................................................... 436
12.3.19 Timer Output Control Register 1 (TOCR1).......................................................... 437
12.3.20 Timer Output Control Register 2 (TOCR2).......................................................... 440
12.3.21 Timer Output Level Buffer Register (TOLBR) .................................................... 443
12.3.22 Timer Gate Control Register (TGCR) .................................................................. 444
12.3.23 Timer Subcounter (TCNTS) ................................................................................. 446
12.3.24 Timer Dead Time Data Register (TDDR)............................................................. 447
12.3.25 Timer Cycle Data Register (TCDR) ..................................................................... 447
12.3.26 Timer Cycle Buffer Register (TCBR)................................................................... 448
12.3.27 Timer Interrupt Skipping Set Register (TITCR)................................................... 448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More